Part Number Hot Search : 
20D3G 70020 APW7190 TWGP2114 1A225 A54E37 DHM020BB 8C547
Product Description
Full Text Search
 

To Download P6KE20A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO P6KE6.8 THRU P6KE440CA
TRANSIENT VOLTAGE SUPPRESSOR
BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W
FEATURES
* 600W peak pulse power capability * Excellent clamping capability * Low incremental surge resistance * Fast response time: typically less than 1.0ps from 0V to VBR for unidirectional and 5.0nS for bidirectional types. * High temperature soldering guaranteed: 265oC/10S/9.5mm lead length at 5 lbs tension
TECHNICAL SPECIFICATION
DO-15
MECHANICAL DATA
* Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C * Case: Molded with UL-94 Class V-O recognized flame retardant epoxy * Polarity: Color band denotes cathode except for unidirectional types. * Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25oC ambient temperature unless otherwise specified)
RATINGS
Peak power dissipation Peak pulse reverse current Steady state power dissipation Peak forward surge current (Note 1) (Note 1) (Note 2) (Note 3)
SYMBOL
Pppm Ippm Pm(av) IFSM
VALUE
Minimum 600 See Table 2.0 100
Maximum instantaneous forward voltage at 50A VF 3.5/5.0 for unidirectional only (Note 4) TSTG,TJ Operating junction and storage temperature range -55 to + 175 Notes: 1. 10/1000S waveform non-repetitive current pulse, and derated above Ta=25oC 2. Tl=75oC, lead length 9.5mm, Mounted on copper pad area of (20x20mm) 3. Measured on 8.3ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minu 4. VF=3.5V max. for devices of V(BR) 200V, and VF=5.0V max. for devices of V(BR) >200V
DEVICES FOR BIDIRECTIONAL APPLICATIONS 1. Suffix 'A' dnotes 5% tolerance device,no suffix 'A' dnotes 10% tolerance device. 2. For bidirectional use 'C' or 'CA' suffix for types P6KE6.8 thru types P6KE440A (e.g. P6KE7.5C, P6KE440CA), for unidirectional don't use 'C' suffix after types. 3. For bidirectional devices having VWM of 10 volts and less, the ID limit is doubled. 4. Electrical characteristics apply in both directions.
http://www.sse-
O., LTD.
TECHNICAL SPECIFICATION
DO-15
Dimensions in inches and (millimeters)
UNITS
W A W A V
o
C
nute maximum.
-diode.com
ELECTRICAL CHARACTERISTICS
( at TA=25oC unless otherwise noted )
Device Type Breakdown Voltage V(BR) (Volts) (NOTE 1)
MIN P6KE6.8 P6KE6.8A P6KE7.5 P6KE7.5A P6KE8.2 P6KE8.2A P6KE9.1 P6KE9.1A P6KE10 P6KE10A P6KE11 P6KE11A P6KE12 P6KE12A P6KE13 P6KE13A P6KE15 P6KE15A P6KE16 P6KE16A P6KE18 P6KE18A P6KE20 P6KE20A P6KE22 P6KE22A P6KE24 P6KE24A P6KE27 P6KE27A P6KE30 P6KE30A P6KE33 P6KE33A P6KE36 P6KE36A P6KE39 P6KE39A P6KE43 P6KE43A P6KE47 P6KE47A P6KE51 P6KE51A P6KE56 P6KE56A 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 MAX 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8
Maximum Stand-off Reverse Test Voltage Leakage at Current VWM IT (mA) VWM ID(A) (Volts) (NOTE 3)
10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Maximum Peak Pulse Reverse Current Ippm (Amps) (NOTE 2)
58 57 51 53 48 50 44 45 44 41 37 38 35 36 32 33 27 28 26 27 23 24 21 22 19 20 17 18 15 16 14 14.4 12.6 13.2 11.6 12.0 10.6 11.2 9.6 10.1 8.9 9.3 8.2 8.6 7.4 7.8
Maximum Clamping Voltage at Ippm VC (Volts)
10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0
Maximum Temperature Coefficient of V(BR) (%/oC)
0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103
http://www.sse-diode.com
ELECTRICAL CHARACTERISTICS
( at TA=25oC unless otherwise noted )
Device Type Breakdown Voltage V(BR) (Volts) (NOTE 1)
MIN MAX
Maximum Stand-off Reverse Test Voltage Leakage at Current VWM IT (mA) VWM ID(A) (Volts) (NOTE 3)
Maximum Peak Pulse Reverse Current Ippm (Amps) (NOTE 2)
Maximum Clamping Voltage at Ippm VC (Volts)
89.0 85.0 98.0 92.0 108 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 504 482 574 548 631 602
Maximum Temperature Coefficient of o V(BR) (%/ C)
0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110
P6KE62 55.8 68.2 1.0 50.2 5.0 6.8 P6KE62A 58.9 65.1 1.0 53.0 5.0 7.1 P6KE68 61.2 74.8 1.0 55.1 5.0 6.1 P6KE68A 64.6 71.4 1.0 58.1 5.0 6.5 P6KE75 67.5 82.5 1.0 60.7 5.0 5.5 P6KE75A 71.3 78.8 1.0 64.1 5.0 5.8 P6KE82 73.8 90.2 1.0 66.4 5.0 5.1 P6KE82A 77.9 86.1 1.0 70.1 5.0 5.3 P6KE91 81.9 100 1.0 73.7 5.0 4.5 P6KE91A 86.5 95.5 1.0 77.8 5.0 4.8 P6KE100 90.0 110 1.0 81.0 5.0 4.2 P6KE100A 95.0 105 1.0 85.5 5.0 4.4 P6KE110 99.0 121 1.0 89.2 5.0 3.8 P6KE110A 105 116 1.0 94.0 5.0 4.0 P6KE120 108 132 1.0 97.2 5.0 3.5 P6KE120A 114 126 1.0 102 5.0 3.6 P6KE130 117 143 1.0 105 5.0 3.2 P6KE130A 124 137 1.0 111 5.0 3.3 P6KE150 135 165 1.0 121 5.0 2.8 P6KE150A 143 158 1.0 128 5.0 2.9 P6KE160 144 176 1.0 130 5.0 2.6 P6KE160A 152 168 1.0 136 5.0 2.7 P6KE170 153 187 1.0 138 5.0 2.5 P6KE170A 162 179 1.0 145 5.0 2.6 P6KE180 162 198 1.0 146 5.0 2.3 P6KE180A 171 189 1.0 154 5.0 2.4 P6KE200 180 220 1.0 162 5.0 2.1 P6KE200A 190 210 1.0 171 5.0 2.2 P6KE220 198 242 1.0 175 5.0 1.75 P6KE220A 209 231 1.0 185 5.0 1.83 P6KE250 225 275 1.0 202 5.0 1.67 P6KE250A 237 263 1.0 214 5.0 1.75 P6KE300 270 330 1.0 243 5.0 1.40 P6KE300A 285 315 1.0 256 5.0 1.45 P6KE350 315 385 1.0 284 5.0 1.20 P6KE350A 332 368 1.0 300 5.0 1.25 P6KE400 360 440 1.0 324 5.0 1.05 P6KE400A 380 420 1.0 342 5.0 1.10 P6KE440 396 484 1.0 356 5.0 0.99 P6KE440A 418 462 1.0 376 5.0 1.04 NOTES: 1. V(BR) measured after IT applied for 300s, IT=square wave pulse or equivalent 2. Surge current waveform and derated 3. For bidirectional types having VWM of 10 volts and less, the ID limit is doubled
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of P6KE20A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X